PART |
Description |
Maker |
UPG2163T5N-E2-A UPG2163T5N-09 |
GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
|
Renesas Electronics Corporation California Eastern Labs
|
BD7685FJ-LBE2 BD7683FJ-LBE2 BD7684FJ-LB |
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
|
ROHM
|
IP34063 IP33063 IP35063 IP3B3063 IP35063J IP34063N |
Voltage-Mode SMPS Controller DC-DC CONVERTER CONTROL CIRCUIT DC to DC converter SWITCHING CONTROLLER, CDIP8
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. SEMELAB LTD
|
IR2161 IR2161S IRPLHALO1E |
Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max Halogen Converter Control IC in a 8-lead SOIC package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... Halogen Converter Control IC in a 8-lead PDIP package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... 8-pin DIP HALOGEN CONVERTOR CONTROL IC
|
ir International Rectifier
|
JC34063 JC34063E JC34063F |
1.5A DC TO DC CONVERTER CONTROL
|
ETC
|
NJM2383 |
DC/DC CONVERTER CONTROL IC
|
njr
|
LM34063AQ8 |
DC-to-DC Converter Control Circuit
|
Cystech Electonics Corp...
|
SC34073 |
Step Down DC-DC converter control IC
|
FUMAN
|
MC34063 |
DC-DC CONVERTER CONTROL CIRCUITS
|
STMicroelectronics
|
IL34063A 34063AD 34063AN |
DC-TO-DC CONVERTER CONTROL CIRCUITS
|
IK Semicon Co., Ltd
|